PART |
Description |
Maker |
RJHSE308X |
SINGLE-PORT HIGH SPEED MODULAR JACK
|
Amphenol Corporation
|
UTPCH16RDY UTPCH7GRY |
; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:16ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7; Color:Red INTERCONNECTION DEVICE Connector assemblies, Network cables; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:7ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7
|
Panduit, Corp. PANDUIT CORP
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
ATV2500B-15KM/883 ATV2500BL-20KM/883 ATV2500BQL-30 |
High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDIP40 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 15 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CDIP40 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PDIP40 ER 4C 4#8 SKT RECP BOX Seals Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:22-19 RoHS Compliant: No ER 14C 14#16 SKT RECP CONTROL KNOB RoHS Compliant: Yes ER 3C 3#8 SKT RECP BOX ER 7C 7#16 PIN RECP ER 3C 1#16 2#8 PIN RECP BOX ER 9C 9#16 PIN RECP
|
Atmel, Corp. Atmel Corp. http:// ATMEL Corporation
|
44193-0005 |
Modular Connector; No. of Contacts:6; No. of Ports:2; Body Material:PA Polyamide (Nylon), High Temperature, Glass-filled; Color:Black; Mounting Type:Through Hole RoHS Compliant: Yes
|
MOLEX INC
|
X20C05J-35 X20C05J-45 X20C05J-55 X20C05DM-35 X20C0 |
High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE⑩ NOVRAM Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:31; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:61; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:27; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-27 DC/DC Converter (DC-DC) / Switching Regulator IC; Switching Regulator Type:Step Down (Buck); Switch Output Current Max, Isw:5.5A; Supply Voltage Max:24V; Switching Frequency Max:1200kHz; Package/Case:8-SOIC; Output Current:3A RoHS Compliant: Yes Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:20-25 High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM High Speed AUTOSTORE??NOVRAM
|
XICOR[Xicor Inc.] Stanford Microdevices
|
2000667-1 |
High Speed Ruggedized (HSR) Connector
|
Tyco Electronics
|
HF601-22-03 |
High Speed Flip Type ZIF Connector 90掳, SMT (0.50mm Pitch) High Speed Flip Type ZIF Connector 90°, SMT (0.50mm Pitch)
|
Yamaichi Electronics Co., Ltd.
|
PIC16F508E_SLG PIC16F505TI/MSG PIC16F505TI/PG PIC1 |
Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Modular Connector Shell Style:Jam Nut Receptacle 8/14-Pin位闪存微控制 8/14-Pin, 8-Bit Flash Microcontrollers 8/14-Pin位闪存微控制 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 8/14-Pin位闪存微控制 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 TV 46C 40#20 4#16 2#8(COAX) SK Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:EZ5015B; No. of Contacts:4; Connector Shell Size:20; Connecting Termination:Spring Cage; Circular Shell Style:Straight Plug; Cable Gland Material:Plastic RoHS Compliant: Yes 3.3V TTL/CMOS to Differential PECL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Features:Shielded; Modular Connector Shell Style:Jam Nut Receptacle Connector Dust Cap; Body Material:Metal; Body Plating:Anodized; Cap Attachment:Spring; Leaded Process Compatible:Yes; Series:FWF; Circular Shell Style:Square Flange Receptacle; Connector Shell Back Termination:IEEE1394 Receptacle RoHS Compliant: Yes TV 56C 48#20 8#16 PIN RECP
|
Microchip Technology, Inc. Microchip Technology Inc.
|
39990-0312 39990-0310 39991-0311 39990-0302 39990- |
Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:12; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:10; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 11 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ck02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 17 ASY DELTA 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 16 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ckt08 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 15 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
OP467GS-REEL |
18V; quad precision, high-speed operational amplifier. For high-speed image display drivers, high frequency active filters
|
Analog Devices
|
|